PART |
Description |
Maker |
LCE10 LCE10A LCE9.0A LCE8.0A LCE8.5 LCE6.5 LCE6.5A |
LOW CAPACITANCE TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR LOW CAPACITANCE TRANSZORBTRANSIENT VOLTAGE SUPPRESSOR 低电容TRANSZORB⑩瞬态电压抑制器
|
General GE Security, Inc.
|
SAC30 SAC18 SAC6.0 SAC10 SAC7.0 SAC5.0-E3_54 SAC5. |
Low Capacitance TRANSZORB? Transient Voltage Suppressors Low Capacitance TRANSZORB垄莽 Transient Voltage Suppressors Low Capacitance TRANSZORB㈢ Transient Voltage Suppressors
|
Vishay Siliconix
|
2SB1275 |
High breakdown voltage.(BVCEO = -160V) Low collector output capacitance.
|
TY Semiconductor Co., Ltd
|
BB565 Q62702-B0873 Q62702-B0869 |
From old datasheet system Silicon Variable Capacitance Diode (For UHF-TV-tuners High capacitance ratio Low series inductance Low series resistance)
|
SIEMENS AG Infineon Siemens Group SIEMENS[Siemens Semiconductor Group]
|
BB644 Q62702-B0907 Q62702-B0905 |
Silicon Variable Capacitance Diode (For VHF TV-tuners High capacitance ratio Low series inductance)
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Group
|
HSMBJSAC8.0 HSMBJSAC10 HSMBJSAC12 HSMBJSAC15 HSMBJ |
Low Capacitance TVS 500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp. MICROSEMI CORP-SCOTTSDALE
|
SA57031-XX SA57031-25 SA57031-26 SA57031-31 SA5703 |
Micropower 150 mA, low-noise, low dropout linear regulator with on/off 微功耗为150 mA,低噪声,低压差线性稳压器的开/ RECTIFIER BRIDGE 25A 800V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY CAP CERAMIC MONO .1UF 50V 10% Ceramic Multilayer Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:1.2pF; Capacitance Tolerance: 0.5pF; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0603; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1.5pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitance:1pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
|
TE Connectivity, Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MCM01 MCM01-001CC090A-T MCM01-001CC090A-TF MCM01-0 |
SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors Mica Film Capacitor; Capacitance:3.3pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:300V CAPACITOR, MICA, 500 V, 0.0000033 uF, SURFACE MOUNT
|
Cornell Dubilier Electr... Cornell Dubilier Electronics, Inc.
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
AD644J AD644L AD644K AD644S |
Dual High Speed/ Implanted BiFET Op Amp Ceramic Multilayer Capacitor; Capacitance:22000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Series 10 UF 10% 10V TANT ESR=2R CAP SMT (0805)
|
Analog Devices, Inc.
|